|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 05/18/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0019092038 Active standard_093 2.36mm (.093") Diameter Standard .093" Pin and Socket Plug Housing With Positive Latch, UL 94V-2, Panel Mount, 3 Circuits Documents: 3D Model Drawing (PDF) Packaging Specification (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 R72081037 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Agency Certification CSA TUV UL General Product Family Series Comments Overview Product Name Crimp Housings 3191 Polarized to Mating Part, With Mounting Ears standard_093 Standard .093" Physical Breakaway Circuits (maximum) Circuits Detail Color - Resin Flammability Gender Glow-Wire Compliant Keying to Mating Part Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating No 3 1x3 Natural 94V-2 Dual No None Yes Nylon 1 Bag Yes 0.264 In 6.71 mm Yes No -40C to +105C Search Parts in this Series 3191Series Mates With 3191 Pin and Socket Recptacle, 5219 Vertical PCB Header Use With 1189 Crimp Terminals, 1190 Crimp Terminals, 1380 Male Crimp Terminals, 1381 Female Crimp Terminals, 1433 Crimp Terminals, 1434 Male Crimp Terminals, 2605 , 2606 , 1973 , 2151 , 2273 , 2870 , 2871 , 4272 , Lin Electrical Current - Maximum per Contact 11A Material Info Old Part Number 3191-3P Reference - Drawing Numbers Packaging Specification Sales Drawing PK-3191-001 SD-3191-3* This document was generated on 05/18/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 19-09-2038 |